Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 32 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 32 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
Type 8025
32 | 39
Visit product website 
9.
Product design and assembly
9.1. Product assembly
Flowmeter or compact batch controller
Note:
• The device Type 8025 is installed into a Bürkert Insertion fitting Type S020 and fastened with a union nut.
• The Insertion fitting Type S020 ensures simple installation into pipes from DN 20…DN 400, see data sheet Type S020  for more
information.
The device is equipped with a sensor with a paddle wheel, available in long or short variant (depending on the size of the used Insertion
fitting). The sensor armature is plugged-in to the housing, which contains the electronic board with display and parameter keys.
The electrical connection is provided for the flowmeter via a cable plug or two cable glands (variant with standard output signal) and for the
batch controller via two cable glands.
Insertion fitting
Type S020
Compact flowmeter or
compact batch controller
with a G 2"process connection
Complete device
for flow measurement or dosing
Type 8025
Fitting in stainless steel
(only example)
Flow transmitter or remote batch controller
Note:
The remote device Type 8025 is available in a wall-mounted or panel variant.
The panel variant is made up of an electronics integrated in an open
housing with display. The electrical connection is carried out on the
terminal blocks of the electronic board.
The wall-mounted variant is made up of an electronics integrated in a
housing with cover and display. The electrical connection is carried
out on the terminal blocks of the electronic board via three cable
glands (for flow transmitter) or five cable glands (for batch controller).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com