Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 28 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 28 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
Type 8025
28 | 39
Visit product website 
Flowmeter with standard output signal or flow transmitter
The device has 2 operating levels:
• the process level
• the configuration level, which comprises the parameters and the test menus
Operating level
Functions
Process
This level allows:
• to read
– the value of the measured flow
– the value of the 4…20 mA output
– the value of the main totalizer
– the value of the daily totalizer
• to reset the daily totalizer
• to access to the parameters and test menus of the configuration level
Configuration -
parameters menu
This level allows:
• to set the required operation parameters:
– language
– engineering units (international measuring units)
– K factor/Teach function
– 4…20-mA-current output
– pulse output
– relay (on devices with relays)
– filter (damping)
– resetting both totalizers
– low flow “Cut Off“ (only for Universal transmitter)
– brightness of the display (backlight, only for Universal transmitter)
Configuration - test
menu
This level allows:
• to adjust the Offset and Span of the 4…20 mA current output
• to read the rotational frequency of the paddle wheel
• to check the correct operating of the outputs with simulating a flow rate
• to generate warning and fault messages (only for Universal transmitter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com