Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 39 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 39 Page - Christian Bürkert GmbH & Co. KG

Back Button 8644 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
Type 8025
39 | 39
Visit product website 
11.5. Ordering chart accessories
Accessories for compact device
Description
Article no.
For flowmeter or compact batch controller
Set with two cable glands M20 × 1.5, two neoprene flat seals for cable gland or plug, two screw plugs M20 × 1.5 and two
multi-way seals 2 × 6 mm
449755 
Set with two adaptors M20 × 1.5 /NPT ½", two neoprene flat seals for cable gland or plug and two screw plugs M20 × 1.5
551782 
Set with a stopper for unused cable gland M20 × 1.5, a multi-way seal 2 × 6 mm for cable gland, a black EPDM seal for
the sensor and a mounting instruction sheet
551775 
Set with a green FKM seal and a black EPDM seal
552111 
Fastening ring (open) for Type S020 Insertion fitting
619205 
PC union nut for Type S020 Insertion fitting
619204 
For flowmeter
Female cable plug, 4-pin (3 conductors + protective conductor), form A according to DIN EN 175301-803 with cable
gland (Type 2518 )
572264 
Female cable plug 32 mm, 4-pin (3 conductors + protective conductor), form A according to DIN EN 175301-803, with
NPT ½" reduction without cable gland (Type 2509 )
162673 
For batch controller
Set with 8 FLOW front panel films
553191 
Accessories for remote device
Description
Article no.
For flowmeter or remote batch controller, panel variant
Mounting set (screws, spring lock washers, hexagon nuts, cable clips)
554807 
Flat seal
419350 
Set with 8 FLOW front panel films
553191 
For flowmeter or remote batch controller, wall-mounted variant
Power supply board 115/230 V AC + mounting instruction sheet
555722 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com