Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Magnetic inductive Insertion flowmeter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Type 8045
4 | 20
Visit product website 
1.
General technical data
Note:
If the device is mounted in a humid environment or outside, then the maximum voltage allowed is 35 V DC instead of 36 V DC.
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “3.1. Bürkert resistApp” on page 8.
Further information on the materials can be found in chapter “3.2. Material specifications” on page 8.
Non wetted parts
Lid
• Variant with flow sensor in PVDF: PC
• Variant with flow sensor in stainless steel: PSU
Front panel film
Polyester
Cover
• Variant with flow sensor in PVDF: PC
• Variant with flow sensor in stainless steel: back PPA (glass fibre reinforced)
Housing
• Variant with flow sensor in PVDF: PC (glass fibre reinforced)
• Variant with flow sensor in stainless steel: back PPA (glass fibre reinforced)
Screw
Stainless steel
Union nut
• Variant with flow sensor in PVDF: PC
• Variant with flow sensor in stainless steel: back PPA (glass fibre reinforced)
Mounting ring
Polysulphone, glass fibre reinforced
Seal
NBR, silicone
Armature
Stainless steel 1.4404/316L (for flowmeter with clamp process connection, over the clamp)
Cable gland
PA with neoprene seal
Wetted parts
Clamp
Stainless steel 1.4404/316L
Sensor armature
• PVDF
• Stainless steel 1.4404/316L
Electrode holder
Only with variant with flow sensor in stainless steel: PEEK (conform to FDA)
Electrode
• Stainless steel 1.4404/316L
• Alloy C22
Earth ring
Only with variant with flow sensor in PVDF:
• Stainless steel 1.4404/316L
• Alloy C22
Seal
• For flowmeter with G 2" process connection:
– FKM
– EPDM (conform to FDA)
• For flowmeter with clamp process connection:
(to be ordered separately, further information can be found in chapter “10.5. Ordering chart
accessories” on page 20.)
– EPDM
– FEP
Surface quality
For flowmeter with clamp process connection: Ra < 0.8 µm
Compatibility
• For flowmeter with G 2" process connection: Any pipe from DN 06…DN 400 which is fitted with
Bürkert Type S020 Insertion fitting with G 2" sensor connection.
• For flowmeter with clamp process connection: Any pipe from DN 32…DN 100 which is fitted with
Bürkert Type S020 Insertion fitting with clamp sensor connection.
For the selection of the nominal diameter of the Insertion fittings, see data sheet Type S020 .
Pipe diameter
• For flowmeter with G 2" process connection: DN 06…DN 400
• For flowmeter with clamp process connection: DN 32…DN 100
Dimensions
Further information can be found in chapter “4. Dimensions” on page 9.
Measuring element
Electrodes
Measuring principle
Electromagnetic
Measuring range
• Flow rate: 0.4…75000 l/min
• Flow velocity: 0.2…10 m/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com