Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Magnetic inductive Insertion flowmeter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8802 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Type 8045
5 | 20
Visit product website 
Performance data
Measurement deviation
• Teach-In: ± 0.5 % of the measured value 1.) at Teach-In flow rate value
• Standard K-factor: ± 3.5 % of the measured value 1.)
Linearity
± 0.5 % of full scale 1.)
Repeatability
± 0.25 % of the measured value 1.)
4…20 mA output uncertainty
± 1 % of range
Electrical data
Operating voltage
18…36 V DC ± 0.5 %, filtered and regulated (3 wires)
Power source (not supplied)
Limited power source according to UL/EN 62368-1 standards or limited energy circuit according to UL/
EN 61010-1 §9.4
DC reverse polarity protection
Yes
Current consumption
≤ 300 mA (at 18 V DC)
Input
DI1
• Supply voltage: 18…36 V DC
• Input impedance: 15 kΩ
• min. pulse duration: 200 ms
• Galvanic insulation, protected against polarity reversals of DC and voltage spikes
Output
• Transistor (digital output DO1):
– Type: NPN or PNP (wiring dependent), open collector
– Function: pulse output (by default), user configurable
– 0…250 Hz, 5…36 V DC, 100 mA max.
– Duty cycle (pulse duration/period) if frequency > 2 Hz: ½
– Min. pulse duration if frequency < 2 Hz: 250 ms
– Galvanic insulation, protected against polarity reversals of DC and short-circuits
• Relay (digital outputs DO2 and DO3):
– 2 normally open, freely adjustable (hysteresis by default)
– Non UL recognized device: 250 V AC/3 A or 40 V DC/3 A (resistive load)
– UL recognized device: 30 V AC/42 V
peak/3 A or 60 V DC/1 A
– Max. cutting power of 750 VA (resistive load)
– Life span of min. 100000 cycles
• Current (analogue output AO1):
– 4…20 mA
– Sink or source (by wiring)
– 22 mA to indicate a fault
– Max. loop impedance: 1300 Ω at 36 V DC; 1000 Ω at 30 V DC; 700 Ω at 24 V DC; 450 Ω at
18 V DC
Voltage supply cable
• Shielded
• External diameter (cable): 6…12 mm (1 cable per cable gland) or 4…5 mm when using a multi-way
seal (2 cables per cable gland)
• Cross section of wires: 0.5…1.5 mm2
Medium data
Fluid temperature
• Variant with flow sensor in PVDF: 0…+ 80 °C (+ 32…+ 176 °F) (depends on Insertion fitting)
• Variant with flow sensor in stainless steel: - 15…+ 110 °C (+ 5…+ 232 °F) (depends on Insertion
fitting)
Further information can be found in chapter “5.1. Pressure temperature diagram” on page 11 and in
the data sheet of the fitting, see data sheet Type S020 .
Fluid pressure
• Variant with flow sensor in PVDF: max. PN 10 (145.1 PSI)
• Variant with flow sensor in stainless steel:
– Max. PN 10 (145.1 PSI) (with plastic Insertion fitting)
– Max. PN 16 (232.16 PSI) (with metal Insertion fitting)
Further information can be found in chapter “5.1. Pressure temperature diagram” on page 11 and in
the data sheet of the Insertion fitting, see data sheet Type S020 .
Viscosity
< 1000 mPa.s
Minimum conductivity
20 µS/cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com