Electronic Components Datasheet Search
  English  ▼

X  

8802 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 8802
Description  Magnetic inductive Insertion flowmeter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8802 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 8802 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 8802 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Type 8045
16 | 20
Visit product website 
8.
Product design and assembly
8.1. Product assembly
Note:
• The device Type 8045 is installed into a Bürkert Insertion fitting Type S020 and fastened with a union nut.
• The Insertion fitting Type S020 ensures simple installation into pipes from DN 06…DN 400, see data sheet Type S020  for more
information.
The device is equipped with a PVDF or stainless steel measurement sensor which comprises two electrodes and a magnetic system and is
available in long or short variant (dependent on the size of the used fitting). The sensor holder is plugged-in to the housing, which contains
containing the electronic module.
The connection of the device to the process is made depending on the variant, either by a G 2" nut or a clamp.
The electrical connection is provided via two cable glands on a 6-pin terminal block.
Insertion fitting with a
G 2" sensor connection
Type S020
Compact flowmeter with a
G 2" process connection
Complete device with a
G 2" process connection
for flow measurement
Type 8045
Fitting in stainless steel with
a G 2" sensor connection
Type S020
(only example)
Insertion fitting with a
clamp sensor connection
Type S020
Compact flowmeter with a
clamp process connection
Clamp collar and seal (accessories,
to be ordered separately)
Complete device with a
clamp process connection
for flow measurement
Type 8045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com