Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic process controller for integrated mounting on process control valves
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Type 8693
3 | 18
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 6.
Material
Body
PPS, stainless steel
Seal
EPDM
Cover
PC
Operation
Display
Graphic display with backlighting and intuitive menu navigation
Operating keys
Membrane keypad with 4 keys
Service interface
Connected to PC via USB connection
Configuration tool
Bürkert Communicator
PACTware (only for device versions with PROFIBUS, resp. analogue version with serial interface)
Commissioning
Initialisation positioner/process
controller
Automatic by P.TUNE function (self-optimisation of PID parameter)
Manual operation of pilot valve
In manual mode via push-button on control panel
Status display
Display of device and valve status
LEDs (colours according to NAMUR), only valid for Ethernet and büS versions
Communication
Fieldbus
EtherNet/IP, PROFINET, Modbus TCP, PROFIBUS DP-V1
Digital
Bürkert system bus (büS) (based on CANopen)
Performance data
Position sensor
Measuring principle
Inductive
Position detection module
Contactless analogue position sensor (wear-free)
Stroke range
Valve spindle
3…45 mm
Electrical data
Operating voltage
24 V DC ± 10 %
UL: NEC Class 2
Residual ripple
10 %, no technical DC voltage
Power consumption
< 5 W
Protection class
III according to DIN EN 61140 (VDE 0140 - 1)
Input/Output
Digital input
1 digital input, 0…5 V = log “0”, 10…30 V = log “1”
Digital output
2 digital outputs (optional), galvanically isolated
Current limitation
100 mA, in case of overload, the output is switched off and cyclically switched on again to check
for still existing overload.
Analogue output
1 output (optional)
0/4…20 mA, 0…5/10 V
Input data setpoint and actual value
Setpoint signal
Setpoint value setting default
0/4…20 mA
0…5/10 V
Input resistance
0/4…20 mA, 180 Ω
0…5/10 V, 19 kΩ
Setpoint signal
Setting 4…20 mA
180 Ω input resistance
Frequency setting
17 kΩ input resistance, 0…1000 Hz
Setting Pt 100
- 20…+ 220 °C, resolution < 0.1 °C
Electrical connection
Multipole version
M12, 8-pin resp. 4-pin or 5-pin according to device version
(see “5. Device/Process connections” on page 9)
Cable gland version
2x M16 × 1.5 (cable Ø 5…10 mm) with terminals for cable cross-sections 0.14…1.5 mm ²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com