Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic process controller for integrated mounting on process control valves
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Type 8693
12 | 18
Visit product website 
M8 circular plug, 4-pin (input signal for process actual value)
Note:
For reasons of wire compensation, connect the Pt 100 sensor via 3 wires. Always bridge Pin 3 and Pin 4 on the sensor.
Input type 1.)
Pin
Wire colour 2.) Pin assignment
Switch
Outer circuitry
4…20 mA - internally
supplied
1
Brown
+ 24 V Transmitter supply
Switch
on left
GND
1
2
3
4
I
2
White
Output from transmitter
3
Blue
GND (identical to GND operating
voltage
4
Black
Bridge according to GND
(GND from 3 guide transmitter)
4…20 mA - externally
supplied
1
Brown
Not assigned
Switch
on right
2
4 ... 20 mA
4
GND 4 ... 20 mA
2
White
Process actual value +
3
Blue
Not assigned
4
Black
Process actual value –
Frequency - internally
supplied
1
Brown
+ 24 V sensor supply
Switch
on left
1
+24 V
2
Clock +
3
Clock -/ GND
(identical with
GND, operating
voltage)
2
White
Clock input +
3
Blue
Clock input – (GND)
4
Black
Not assigned
Frequency - externally
supplied
1
Brown
Not assigned
Switch
on right
2
Clock +
3
Clock –
2
White
Clock input +
3
Blue
Clock input –
4
Black
Not assigned
Pt 100 (see note above)
1
Brown
Not assigned
Switch
on right
2
3
4
Pt 100
2
White
Process actual value 1
(power supply)
3
Blue
Process actual value 3 (GND)
4
Black
Process actual value 2
(compensation)
1.) Can be adjusted via software (see operating instructions Type 8692/8693  “24.2.1 PV-INPUT – Setting up the process controller”)
2.) The specified wire colours refer to the connection cable, which is available as an accessory with Article no. 264602.
Bürkert system bus (büS) connection
M12 circular plug,
5-pin (büS)
M12 circular plug, 4-pin
(operating voltage)
1
2
3
4
5
1
3
2
M8 circular plug, 4-pin
(input signal, process actual value)
4
1
2
3
4
M12 circular plug × 1, 5-pin (büS connection)
M12 circular plug, 4-pin (operating voltage)
Pin
Wire colour
Pin assignment
Pin
Wire colour 1.)
Pin assignment
1
CAN shielding
CAN shielding
1
Brown
Operating voltage + 24 V DC
2
–
Not assigned
2
–
Not assigned
3
Black
GND / CAN_GND
3
Blue
Operating voltage GND
4
White
CAN_H
4
–
Not assigned
5
Blue
CAN_L
1.) The specified wire colours refer to the connection cable, which is available as an accessory with Article no. 918038.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com