Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic process controller for integrated mounting on process control valves
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Visit product website 
DATA SHEET
Type 2301
Pneumatically operated
2-way Globe Control
Valve
Type 2300
Pneumatically operated
2-way angle seat control
valve ELEMENT
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Type 8202
pH or redox potential
transmitter, ELEMENT
design
Type 8045
Magnetic inductive
Insertion flowmeter
Type 8619
multiCELL – Multi-
channel and multi-
function transmitter/
controller
Type 8228
Inductive conductivity
meter, ELEMENT Design
Standard | EU | en | 2024 - 03 - 06 | 23
Digital electropneumatic process controller for integrated
mounting on process control valves
• Compact and robust stainless steel design
• Easy start-up via Tune function for position and process controller
• Contact-free position sensor
• Integrated pilot air duct with spring chamber aeration
• PROFIBUS DP-V1, EtherNet/IP, PROFINET, Modbus TCP or büS
(Bürkert System Bus)
The compact process controller device Type 8693 is optimised for integrated
mounting on the pneumatic actuators in the Type 23xx/2103 process valve series
and is specially designed for the requirements of a hygienic process environment.
The actual value of the process factor is directly supplied to the device as 4- 20 mA,
PT100 or a frequency signal. The process controller calculates the setpoint for the
subordinated positioner based on the variance comparison. Via the analogue feed-
back, all analogue values on the control levels can be transferred.
The integrated diagnostic functions are used to monitor control valve operating
conditions. Valve diagnostic messages via status signals are issued in accordance
with NE107 (NAMUR) and recorded as historical entries. The parameterisation
of process controller and positioner can be carried out automatically. The easy
operation and the selection of additional software functions are carried out either
via the large graphic display with backlight and keypad or via COMMUNICATOR.
The positioner registers the valve position without deterioration via a contact-free,
analogue position sensor. The actuation of single or double-acting actuators
is carried out without internal air consumption. Communication interfaces such
as PROFIBUS DP-V1, EtherNet/IP, PROFINET, Modbus TCP, büS (based on
CANopen) and analogue as well as digital feedback are optionally available.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8693
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2103

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
logo
XFMRS Inc.
2103 XFMRS-2103 Datasheet
440Kb / 6P
HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
Festo Corporation.
2103 FESTO-2103 Datasheet
76Kb / 1P
One-way flow control valve
logo
New Japan Radio
2103 NJRC-2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Heyco.
2103 HEYCO-2103 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2103

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PD-INC-24VDC-G24V ASM-SENSOR-PD-INC-24VDC-G24V Datasheet
107Kb / 4P
Digital Process Meter for Incremental Sensors
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
Process Control and Factory Automation
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
Process control and industrial automation
Rev. 0
logo
Red Lion Controls. Inc
PCU01000 REDLION-PCU01000 Datasheet
1Mb / 96P
THE PROCESS CONTROL UNIT
PCU10000 REDLION-PCU10000 Datasheet
1Mb / 96P
THE PROCESS CONTROL UNIT
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
Process Control
logo
Kyocera Kinseki Corpota...
CRA3A KSS-CRA3A Datasheet
246Kb / 8P
Reduction in mounting process & costs
logo
TT Electronics.
DS3020 TTELEC-DS3020 Datasheet
315Kb / 2P
Temperature & Process Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com