Electronic Components Datasheet Search
  English  ▼

X  

8077 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8077
Description  Flowmeter with oval rotors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8077 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8077 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Type 8077
3 | 7
Visit product website 
1.
General technical data
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “3.1. Bürkert resistApp” on page 5.
Further information on the materials can be found in chapter “3.2. Material specifications” on page 5.
Non wetted parts
Transmitter housing
PP (20 % glass fiber)
Screw
Stainless steel 304 (A2)
Tag plate
Aluminium
Wetted parts
Axis
Stainless steel 316L (1.4401)
Oval gear
Stainless steel 316L (1.4401)
Sensor body
Aluminium, stainless steel 316L (1.4401)
Cover
Aluminium, stainless steel 316L (1.4401)
Seal
FEP/PTFE
Compatibility
With Type 8025 Universal transmitter/batch controller, Type 8611 eCONTROL Universal controller or
Type 8619 multiCELL transmitter/Controller
Further information can be found in the respective technical data sheets, see data sheets
Type 8025 , Type 8611 , Type 8619  for more information.
Dimensions
Further information can be found in chapter “4. Dimensions” on page 5.
Measuring principle
Oval gear
Type of sensor
Hall effect (Transistor output) or Reed contact (Reed switch output)
Measuring range
0.5…500 l/h (0.13…132 gph) (depends on the variant)
Standard K factor
• For flow range 0.5…100 l/h: 1000 pulses/l
• For flow range 15…500 l/h: 400 pulses/l
Performance data
Measurement deviation
• Standard K factor: ± 1 % of the measured value
• Specific K factor (directly readable on the label of the product): ± 0.5 % of the measured value
Repeatability
≤ 0.03 % of the measured value
Electrical data
Operating voltage
4.5…24 V DC
Current consumption
≤ 9 mA (Hall effect sensor)
Output
• Hall effect sensor
– Frequency on open collector, NPN, max. 25 mA
– 4.5…24 V DC
– Recommended load: 1.8 KΩ Pull up at 24 V DC
• Reed contact
– Frequency
– Switching voltage: 30 V DC,
– Max. current: 0.5 A
Medium data
Fluid temperature
• With aluminium body: - 20…+ 80 °C (- 4…+ 176 °F)
• With stainless steel body: - 20…+ 120 °C (- 4…+ 248 °F)
Fluid pressure
• With aluminium body: 55 bar (798 PSI)
• With stainless steel body: 55 bar (798 PSI)
Dynamic viscosity η
1 Pa.s. max. (higher on request)
Maximum particle size
75 µm
To prevent damage from dirt or foreign matter, we strongly recommend the installation of a 75 µm
(200 mesh) strainer as close as possible to the inlet side of the meter.
Process/Pipe connection & communication
Pipe connection
Thread ⅛", ¼" (G or NPT)
Electrical connection
• 5-wire cable
• 1 m length



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com