Electronic Components Datasheet Search
  English  ▼

X  

8077 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8077
Description  Flowmeter with oval rotors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8077 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

  8077 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Type 8077
7 | 7
Visit product website 
7.
Ordering information
7.1. Bürkert eShop
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly? Our
online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter
7.3. Ordering chart
Measuring range for fluid with
viscosity
Pipe
connection
Max.
pressure
Material
Article no.
> 5 mPa.s
< 5 mPa.s
Body
Rotor
Shaft
Seal
0.5…100 l/h
(0.13…31.70 gph)
2 1.)…100 l/h
(0.53…26.4 gph)
G ⅛"
55 bar
Aluminium
Stainless steel Stainless steel FEP/PTFE
567202 
55 bar
Stainless steel Stainless steel Stainless steel FEP/PTFE
567203 
0.5…100 l/h
(0.13…31.70 gph)
2 1.)…100 l/h
(0.53…26.4 gph)
NPT ⅛"
55 bar
Aluminium
Stainless steel Stainless steel FEP/PTFE
567204 
55 bar
Stainless steel Stainless steel Stainless steel FEP/PTFE
567205 
0.5…100 l/h
(0.13…31.70 gph)
2 1.)…100 l/h
(0.53…26.4 gph)
G ¼"
55 bar
Stainless steel Stainless steel Stainless steel FEP/PTFE
567206 
15…500 l/h
(4.00…132 gph)
40…500 l/h
(10.56…132 gph)
55 bar
Stainless steel Stainless steel Stainless steel FEP/PTFE
567207 
15…500 l/h for high viscosity 2.)
55 bar
Stainless steel Stainless steel Stainless steel FEP/PTFE
567208 
0.5…100 l/h
(0.13…31.70 gph)
2 1.)…100 l/h
(0.53…26.4 gph)
NPT ¼"
55 bar
Stainless steel Stainless steel Stainless steel FEP/PTFE
567209 
15…500 l/h
(4.00…132 gph)
40…500 l/h
(10.56…132 gph)
55 bar
Stainless steel Stainless steel Stainless steel FEP/PTFE
567210 
15…500 l/h for high viscosity 2.)
55 bar
Stainless steel Stainless steel Stainless steel FEP/PTFE
567211 
1.) For non-lubricating fluids = 6 l/h (e.g. water)
2.) > 1 Pa.s.
7.4. Ordering chart accessories
Description
Article no.
Set with two rotors in stainless steel for measuring range 0.5…100 l/h
567766 
Set with two rotors in stainless steel for measuring range 15…500 l/h
567767 
Cover made of plastic with Hall sensor and Reed contact
567770 
FEP/PTFE seal for measuring range 0.5…100 l/h
567768 
FEP/PTFE seal for measuring range 15…500 l/h
567769 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com