Electronic Components Datasheet Search
  English  ▼

X  

8077 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8077
Description  Flowmeter with oval rotors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8077 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8077 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8077 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Type 8077
4 | 7
Visit product website 
Approvals and conformities
Directives
CE directive
Further information on the CE Directive can be found in chapter “2.2. Standards” on page 4
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “2.3. Pressure
Equipment Directive (PED)” on page 4.
Environment and installation
Ambient temperature
Operation and storage: - 15…+ 60 °C (+ 5…+ 140 °F)
Relative air humidity
≤ 85 %, without condensation
Height above sea level
Max. 2000 m
Operating condition
Continuous
Device mobility
Fixed
Application range
Indoor and outdoor
Protect the device against electromagnetic interference, ultraviolet rays and, when installed outdoors,
against the effects of climatic conditions.
Degree of protection
IP67, IP66 according to IEC/EN 60529, NEMA 6 according to NEMA 250
Installation category
Category I according to UL/EN 61010-1
Pollution degree
Degree 2 according to UL/EN 61010-1
2.
Approvals and conformities
2.1. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
2.2. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
2.3. Pressure Equipment Directive (PED)
The device conforms to article 4, paragraph 1 of the Pressure Equipment Directive (PED) 2014/68/EU under the following conditions:
Device used on a pipe
Note:
• The data in the table is independent of the chemical compatibility of the material and the fluid.
• PS = maximum admissible pressure (in bar), DN = nominal diameter of the pipe
Type of fluid
Conditions
Fluid group 1, article 4, paragraph 1.c.i
DN ≤ 25
Fluid group 2, article 4, paragraph 1.c.i
DN ≤ 32 or PS*DN ≤ 1000
Fluid group 1, article 4, paragraph 1.c.ii
DN ≤ 25 or PS*DN ≤ 2000
Fluid group 2, article 4, paragraph 1.c.ii
DN ≤ 200 or PS ≤ 10 or PS*DN ≤ 5000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com