Electronic Components Datasheet Search
  English  ▼

X  

8111 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8111
Description  Vibrating filling level switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8111 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8111 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Type 8111
4 | 10
Visit product website 
1.3. Vibrating level switch with relay output
Product properties
Operating mode
Adjustable
• A = max. detection or overflow/overfill protection
• B = min. detection or dry run protection
Electrical data
Operating voltage
20…253 V AC, 50/60 Hz or 20…72 V DC (at U > 60 V DC the ambient temperature must be max.
+ 50 °C (+ 122 °F))
Protection class according to
IEC 61010-1
I
Power consumption
1…8 VA (AC); approx. 1.5 W (DC)
Switching voltage
Max. 253 V AC/DC
Switching current
Max. 3 A (AC, cos phi > 0.9), 1 A (DC)
Switching power
• Min. 50 mW
• Max. 750 VA AC, 40 W DC (with U < 40 V DC)
Output
Relay (DPDT), 2 floating SPDTs
Process/Pipe connection & communication
Electrical connection
2 cable glands M20 × 1.5
1.4. Vibrating level switch with NAMUR output
Product properties
Operating mode
NAMUR output adjustable to falling or rising characteristics
• Min.: Rising characteristics (High current when wetted with liquid)
• Max.: Falling characteristics (Low current when wetted with liquid)
Electrical data
Operating voltage
• Voltage supply: via connection to an amplifier according to NAMUR IEC 60947-5-6, approx. 8.2 V
• Open-circuit voltage: U
0 approx. 8.2 V
• Short-circuit current: I
U approx. 8.2 mA
Protection class according to
IEC 61010-1
II
Current consumption
• Falling characteristic: ≥ 2.2 mA (blade uncovered) / ≤ 1.0 mA (blade covered)
• Rising characteristic: ≤ 1.0 mA (blade uncovered) / ≥ 2.2 mA (blade covered)
• Fault signal: ≤ 1.0 mA
Output
2-wire current modulation according to NAMUR
Process/Pipe connection & communication
Electrical connection
1 cable gland M20 × 1.5
Necessary processing system
NAMUR processing system according to IEC 60947-5-6 (EN 50227/DIN 19234)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com