Electronic Components Datasheet Search
  English  ▼

X  

8111 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 8111
Description  Vibrating filling level switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8111 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 8111 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Type 8111
10 | 10
Visit product website 
9.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter
9.3. Ordering chart
Operating voltage
Process connection Output
Electrical connection
Article no.
20…72 V DC /
20…250 V AC (5 A)
G ¾"
Double relay (DPDT), 2
floating SPDTs
2 cable glands M20 × 1.5
558110 
NPT ¾"
558111 
G 1"
558112 
NPT 1"
558113 
Clamp 2"
558114 
8.2 V DC, via an isolating amplifier
with NAMUR input
G ¾"
NAMUR signal -
Ex variant, ATEX approval
1 cable gland M20 × 1.5
558115 
G 1"
558116 
Further variants on request
Process connection
• Clamp 1", 1½"
• DIN 11851
• Flange
• SMS
• NEUMO BioControl® (a registered Trademark of
NEUMO-Ehrenberg Group)
Hygienic
• Ra < 0.8 µm for G or NPT threaded connection
• Ra < 0.3 µm for Clamp connection
Material
ECTFE, enamel, Alloy C4 or PFA for flange connection
Temperature
- 50…+ 250 °C
Additional
With transistor output
9.4. Ordering chart accessories
Description
Article no.
Set with two adaptors M20 × 1.5 /NPT ½", two neoprene flat seals for cable gland or plug and two screw plugs M20 × 1.5
551782 
Lock fitting, only for pressureless handling, - 50…150 °C, G 1"
558218 
Lock fitting, only for pressureless handling, - 50…150 °C, NPT 1"
558219 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com