Electronic Components Datasheet Search
  English  ▼

X  

8111 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8111
Description  Vibrating filling level switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8111 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8111 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8111 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Type 8111
7 | 10
Visit product website 
4.2. G 1" or NPT 1" connection
Note:
Dimensions in mm, unless otherwise stated
16
G1 / (NPT1)
∅ 21.3
∅ 80.5
75.5
∅ 91
M20 x 1.5
cable gland
M20 x 1.5
closing screw
AF41
Switching
point
4.3. Clamp 2" connection
Note:
Dimensions in mm, unless otherwise stated
∅ 64
∅ 21.3
∅ 80.5
75.5
∅ 91
16
Clamp 2"
∅ 47.8
Switching
point
M20 x 1.5
cable gland
M20 x 1.5
closing screw



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com