Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Radar level meter for liquids suitable for use in applications with aggressive fluids as well as with hygienic requirements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Type 8139
4 | 19
Visit product website 
Process pressure
Depending on antenna system. Detailed information can be found in chapter “2. Product
versions” on page 5.
Process/Port connection & communication
Process connection
• Mounting bracket 170 mm (supplied as standard) or 300 mm (accessory) (version with
plastic horn antenna)
• Thread G or NPT - ¾" or 1½" (version with integrated horn antenna)
• Flange DN50, DN100 DIN 2501 (version with encapsulated antenna system)
• Clamp 2" DIN 32676, ISO 2852 (hygiene connection version with encapsulated anten-
na system)
Electrical connection
Cable gland M20 x 1.5
Approvals and Certificates
Standards
Degree of protection according to IEC/
EN 60529
IP66/IP67 with cable plug mounted and tightened M20 x 1.5
Overvoltage category according to
IEC 61010-1
Category III
Protection class according to
IEC 61010-1
Class III
Directives
CE directives
The applied standards, which verify conformity with the EU Directives, can be found on
the EU Type Examination Certificate and/or the EU Declaration of conformity (if applicable)
NAMUR recommendations
NE21- Electromagnetic compatibility of equipment
NE43 - Signal level for fault information from measuring transducers
NE53 - Compatibility of field devices and display/adjustment components
NE107 - Self-monitoring and diagnosis of field devices
Approvals
ATEX/IECEx
EN IEC 60079-0, EN 60079-11, EN 60079-26
Detailed information can be found in chapter “3.1. ATEX/IECEx-Certification” on page
7.
Environment and installation
Ambient temperature
Operation and storage: - 40…+ 80 °C (- 40…+ 176 °F)
Temperature derating
Depending on antenna system. Detailed information can be found in chapter “6.2. Tem-
perature derating diagram” on page 12.
Relative air humidity
20…85 %, without condensation
Height above sea level
By default: max. 2000 m
With connected overvoltage protection: max. 5000 m
Pollution degree
Degree 4 (when used with fulfilled housing protection)
1.) Outside the specified beam angle, the energy level of the radar signal is 50 % (- 3 dB) less
2.) With operating voltage U
n ≥ 24 V DC
3.) Time span after a sudden distance change from 1…5 m until the output signal reaches 90 % of the final value for the first time (IEC 61298-2).
4.) Already included in the measurement deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com