Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Radar level meter for liquids suitable for use in applications with aggressive fluids as well as with hygienic requirements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Visit product website 
DATA SHEET
Type 8619
multiCELL - Multi-chan-
nel and multi-function
transmitter/controller
Type 8611
eCONTROL - Universal
controller
Type 8692
Digital electropneu-
matic Positioner for the
integrated mounting on
process control valves
Type 8644
Remote Process Actu-
ation Control System
AirLINE
1000385105 | Standard | EU | en | 202109 | 03
Radar level meter for liquids suitable for use
in applications with aggressive fluids as well
as with hygienic requirements
• Continuous level measurement up to 30 m, 4…20 mA, 2-wire
• Available process connections: Plastic horn antenna, thread (G,
NPT ¾ and 1½ ), flange (DN50, DN100), clamp (2")
• Excellent radar signal focusing and high measurement dynamics
• Adjustable using the display/configuration module and keys, alter-
natively via PC-Tool with DTM
The Type 8139 is a non-contact radar level measuring device for continuous
level measurement.
It is available with:
• integrated antenna (G- or NPT connection), especially suitable for level
measurement of aggressive liquids, with special advantages for small
vessels.
• plastic horn antenna (with mounting bracket), especially suitable for meas-
urements in open flumes or gauge measurement in water.
• flange connection (DIN 2501) with encapsulated antenna system,
• clamp connection (DIN 32676, ISO 2852) with encapsulated antenna sys-
tem for hygienic requirements.
The high focus of the radar signal and the high measurement dynamics allow
excellent measurement results even in small, narrow and high containers, as
the risk of signal interference by installations, constructions and vessel walls
is much lowered. Signal damping, e.g. due to signal running length, foam
build-up, low DK values of the liquids, has a much smaller effect.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8139
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8644

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8644 ETC2-8644 Datasheet
367Kb / 1P
LEVER ACTION PC CARD EJECTORS
logo
Christian Bürkert GmbH ...
8644 BURKERT-8644 Datasheet
1Mb / 20P
Inline positive displacement (PD) flowmeter or Inline batch controller
18.12.2023
8644 BURKERT-8644 Datasheet
1Mb / 39P
Insertion flowmeter/batch controller with paddle wheel and flow transmitter/remote batch controller
12.01.2024
8644 BURKERT-8644 Datasheet
1Mb / 13P
Insertion flowmeter with paddle wheel, ELEMENT design
11.12.2023
8644 BURKERT-8644 Datasheet
823Kb / 15P
Flowmeter/Threshold detector with paddle wheel
15.12.2023
More results

Similar Description - 8644

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM04N30S2 RECTRON-RM04N30S2 Datasheet
180Kb / 7P
This device is suitable for use as a load switch or in PWM applications
logo
PHOENIX CONTACT
2200298 PHOENIX-2200298 Datasheet
55Kb / 2P
Optional with bus connector for DIN rail mounting as well as power connection system
2200528 PHOENIX-2200528 Datasheet
52Kb / 2P
Optional with bus connector for DIN rail mounting as well as power connection system
2201333 PHOENIX-2201333 Datasheet
52Kb / 2P
Optional with bus connector for DIN rail mounting as well as power connection system
2278144 PHOENIX-2278144 Datasheet
57Kb / 2P
Optional with bus connector for DIN rail mounting as well as power connection system
2713612 PHOENIX-2713612 Datasheet
57Kb / 3P
Optional with bus connector for DIN rail mounting as well as power connection system
2713706 PHOENIX-2713706 Datasheet
57Kb / 3P
Optional with bus connector for DIN rail mounting as well as power connection system
2901369 PHOENIX-2901369 Datasheet
69Kb / 3P
Optional with bus connector for DIN rail mounting as well as power connection system
logo
Neutrik AG
NC3MPR-HD NEUTRIK-NC3MPR-HD Datasheet
93Kb / 3P
Heavy duty sealed male 3-pole XLR chassis connector for outdoor use, weatherproof applications as well as in a wide range of industrial applications.
logo
Schneider Electric
LR54 SCHNEIDER-LR54 Datasheet
81Kb / 2P
Non-contact radar level transmitter for liquids in basic process applications
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com