Electronic Components Datasheet Search
  English  ▼

X  

8644 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 8644
Description  Radar level meter for liquids suitable for use in applications with aggressive fluids as well as with hygienic requirements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8644 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  8644 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8644 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Type 8139
2 | 19
Visit product website 
Table of contents
1. General technical data
3
2. Product versions
5
2.1. Plastic horn antenna 80 mm..................................................................................................................................................5
2.2. Thread with integrated antenna 40 mm .................................................................................................................................5
2.3. Flange with encapsulated antenna system............................................................................................................................6
2.4. Hygiene connection with encapsulated antenna system ......................................................................................................6
3. Approvals
7
3.1. ATEX-Certification..................................................................................................................................................................7
4. Materials
7
4.1. Chemical Resistance Chart – Bürkert resistApp....................................................................................................................7
5. Dimensions
8
5.1. Plastic horn antenna 80 mm..................................................................................................................................................8
5.2. Thread with integrated antenna 40 mm .................................................................................................................................9
5.3. Flange with encapsulated antenna system..........................................................................................................................10
5.4. Hygiene connection with encapsulated antenna system ....................................................................................................11
6. Performance specifications
11
6.1. Measurement deviation diagram .........................................................................................................................................11
6.2. Temperature derating diagram.............................................................................................................................................12
Plastic horn antenna 80 mm................................................................................................................................................12
Thread with integrated antenna 40 mm ...............................................................................................................................12
Flange with encapsulated antenna system..........................................................................................................................12
7. Product installation
13
7.1. Mounting options.................................................................................................................................................................13
Plastic horn antenna 80 mm with mounting bracket ...........................................................................................................13
Plastic horn antenna 80 mm with flange..............................................................................................................................13
8. Product operation
14
8.1. Measuring principle .............................................................................................................................................................14
8.2. Product operation notes ......................................................................................................................................................15
Set up with display/configuration module ...........................................................................................................................15
Set up with PACTware™/DTM and HART communication..................................................................................................15
9. Product accessories
16
10. Ordering information
17
10.1. Bürkert eShop – Easy ordering and quick delivery..............................................................................................................17
10.2. Bürkert product filter............................................................................................................................................................17
10.3. Ordering chart......................................................................................................................................................................17
10.4. Ordering chart accessories..................................................................................................................................................18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com