Electronic Components Datasheet Search
  English  ▼

X  

0330 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 0330
Description  Mass Flow Meter (MFM) for Gases
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0330 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  0330 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Type 8703
3 | 10
Visit product website 
1.
General Technical Data
Product properties
Material
Block
Aluminium or stainless steel
Body
Metal
Seal
FKM, EPDM
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 4.
Total weight
approx. 500 g (Aluminium)
LED display
Indication for power, limit and error
Performance data
Nominal flow range (Q
Nom)
10 ml
N/min…80 lN/min (N2)
Detailed information can be found in chapter “6.2. Flow characteristic” on page 7.
Measuring range
1:50 (2…100 %), higher measuring range on request
Max. operating pressure
10 bar (145 psi)
Measuring accuracy
± 0.8 % o. R. ± 0.3 % F. S. (after 1 min. warm-up time)
Repeatability
± 0.1 % F. S.
Response time (t95 %)
< 300 ms
Electrical data
Operating voltage
24 V DC
Power consumption
5 W
Voltage tolerance
± 10 %
Residual ripple
< 2 %
Electrical connection
Plug D-Sub 9 pin
Medium data
Operating medium
Neutral, non-contaminated gases, others on request
Calibration medium
Operating gas or air (with conversion factor)
Medium temperature
- 10 °C…+ 70 °C
(- 10 °C…+ 60 °C for oxygen)
Process/Port connection & communication
Port connection
NPT ¼, G ¼, screw-in fitting or sub-base, others on request
Fieldbus option
PROFIBUS DP, CANopen
Digitale Outputs
Relay outputs
1. Limit (Q
Nom almost reached)
Load capacity: 25 V, 1 A, 25 VA
Digital inputs
Not connected
Digital (communication) interface
Digital via RS485 (Half-duplex or full duplex), RS422
Environment and installation
Installation position
Horizontal or vertical
Ambient temperature
- 10 °C…+ 50 °C
Degree of protection
IP40
Accessories
Software-Tool
Mass Flow Communicator
1.) The nominal flow value is the max. flow value calibrated which can be measured.
The nominal flow range defines the range of nominal flow rates (full scale values) possible.
2.) Index N: Flow rates referred to 1.013 bar and 0 °C. Alternatively there is an
Index S available which refers to 1.013 bar and 20 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com