Electronic Components Datasheet Search
  English  ▼

X  

0330 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 0330
Description  Mass Flow Meter (MFM) for Gases
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0330 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 0330 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Type 8703
7 | 10
Visit product website 
6.
Product operation
6.1. Measuring principle
The mass flow sensor operates according to a thermal principle which has the advantage of providing the mass flow which is inde-
pendent on pressure and temperature.
A small part of the total gas stream is diverted into a small, specifically designed bypassing channel which ensures laminar flow
conditions. The sensor element is a chip immersed into the wall of this flow channel. The chip, produced in MEMS technology,
contains a heating resistor and two temperature sensors (thermopiles) which are arranged symmetrically upstream and downstream
of the heater. The differential voltage of the thermopiles is a measure of the mass flow rate passing the flow sensor. The calibration
procedure effectuates a unique assignment of the sensor signal to the total flow rate through the device.
6.2. Flow characteristic
Nominal flow range of typical gases
Note:
• Q(Gas) = f x Q(N
2)
• When using the gas factors, measurement errors may occur that are outside the data sheet specification. For applications
requiring high accuracy, calibration under field conditions is recommended.
• Furthermore, the media compatibility of the sealing materials of the MFM should be checked before use with another gas.
Gas
Min. Q
Nom
Max. Q
Nom
[l
N/min]
[l
N/min]
Argon
0.01
80
Helium
0.01
500
Carbon dioxide
0.02
40
Air
0.01
80
Methane
0.01
80
Oxygen
0.01
80
Nitrogen
0.01
80
Hydrogen
0.01
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com