Electronic Components Datasheet Search
  English  ▼

X  

0330 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 0330
Description  Mass Flow Meter (MFM) for Gases
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0330 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 0330 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0330 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Type 8703
6 | 10
Visit product website 
4.
Device/Process connections
4.1. Analogue version
Note:
• Optionally pin 7 and pin 8 with bus version as transmitter input possible.
• The cable length for RS232/actual value signal is limited to 30 m.
Plug D-Sub, 15 pin
Pin Assignment
Analogue control unit
1
9
6
5
1
Binary input (related to GND Pin2)
2
GND
3
Power supply + 24 V DC
4
Relay, normally opened
5
Relay, normally closed
6
TX+ (RS485-Y) – bridge with pin 9 at half duplex
7
TX- (RS485-Z) – bridge with pin 8 at half duplex
8
RX- (RS485-B)
9
RX+ (RS485-A)
1.) RS232 interface only to be operated via RS232 adapter with integrated level adjustment
5.
Performance specifications
5.1. Pressure loss diagram of MFMs
The diagram shows exemplary the pressure loss characteristics when air flowing through. To determine the pressure loss of another
gas, it must first be converted to the corresponding air flow.
0
10
20
30
40
50
60
70
80
90
100
110
120
G1/4
Sub-base
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Ql
N/min]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com