Electronic Components Datasheet Search
  English  ▼

X  

8735 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 8735
Description  Multi-channel mass flow controller (MFC) / meter (MFM) for gases
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8735 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8735 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Type 8735
3 | 11
Visit product website 
1.
General Technical Data
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 5.
Materials
Seal
FKM or EPDM (depending on gas)
Fluidics
PPS, stainless steel 1.4404/316L or others
MFM basic block
Aluminium
System basic block
Aluminium or stainless steel
Total mass
3-channel MFC system: approximately 750 g
Performance data
Nominal flow range (Q
nom)
0.05 l
N/min…20 lN/min (N2)
Maximum operating pressure
(overpressure to atmospheric pressure)
MFM: 6 bar
For MFCs, the maximum operating pressure depends on the medium and nominal valve size.
Measuring accuracy
± 1.5 % of reading ± 0.3 % FS (under calibration conditions)
Repeatability
± 0.15 % FS 2.)
Measuring span
1:50 (higher on request)
Settling time (t
95 %)
< 700 ms (without output filter < 100 ms)
Control valve (proportional valve)
Type 2871 (normally closed)
Electrical data
Operating voltage
24 V DC (standardised electronics)
Power consumption
Typically 8 W (3-channel MFC system)
MFC systems: depending on the number of control loops and the valve power consumption
Residual ripple
± 2 %
Voltage tolerance
± 10 %
Electrical connection
büS/CANopen/I2C variant
Terminal block, 5-pin
Modbus RTU variant
D-Sub 9
Medium data
Operating medium
Air, oxygen, nitrogen, argon, methane (≤ 20 l
N/min)
Hydrogen, helium (≤ 70 l
N/min)
Carbon dioxide (≤ 10 l
N/min)
Propane (≤ 6 l
N/min)
Calibration medium
Operating gas or air
Medium temperature
0 °C…+ 50 °C
Process/Port connection & communication
Port connection
G ⅛, NPT ⅛ (others on request)
Digital communication interface
I2C, büS/CANopen, Modbus RS485/RTU list 0 and list 1
Approvals and conformities
Degree of protection
IP00
Foods and Beverages/Hygiene
Further information can be found in chapter “2.4. Foods and beverages/Hygiene” on page
4.
Environment and installation
Installation position
Horizontal or vertical
Ambient temperature
0 °C…+ 50 °C
Accessories
Software
Bürkert Communicator
Further information can be found in chapter “7.1. Bürkert Communicator Software” on
page 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com