Electronic Components Datasheet Search
  English  ▼

X  

8735 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 8735
Description  Multi-channel mass flow controller (MFC) / meter (MFM) for gases
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8735 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 8735 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8735 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Type 8735
8 | 11
Visit product website 
Assignment
D-Sub, 9-pin
Pin
Assignment
1
2
3
4
5
6
7
8
9
1
Not connected
2
GND
3
24 V
4
Not connected
5
Not connected
6
RS485-Y, half-duplex: bridge with Pin 9
7
RS485-Z, half-duplex: bridge with Pin 8
8
RS485-B
9
RS485-A
JST plug connector, 5-pin
Pin
Assignment
1
24 V
2
CAN_H
3
Shielding
4
CAN_L
5
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com