Electronic Components Datasheet Search
  English  ▼

X  

1757743 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1757743
Description  MKDS 1,5/21 - PCB terminal block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757743 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1757743 Datasheet HTML 1Page - PHOENIX CONTACT 1757743 Datasheet HTML 2Page - PHOENIX CONTACT 1757743 Datasheet HTML 3Page - PHOENIX CONTACT 1757743 Datasheet HTML 4Page - PHOENIX CONTACT 1757743 Datasheet HTML 5Page - PHOENIX CONTACT 1757743 Datasheet HTML 6Page - PHOENIX CONTACT 1757743 Datasheet HTML 7Page - PHOENIX CONTACT 1757743 Datasheet HTML 8Page - PHOENIX CONTACT 1757743 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Width [w]
105 mm
Height [h]
17.3 mm
Length [l]
9.8 mm
Installed height
13.8 mm
Solder pin length [P]
3.5 mm
Pin dimensions
0.9 x 0.9 mm
PCB design
Pin spacing
5 mm
Hole diameter
1.3 mm
Mechanical tests
Test for conductor damage and slackening
Specification
IEC 60999-1:1999-11
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1999-11
0.14 mm² / solid / > 10 N
0.14 mm² / flexible / > 10 N
2.5 mm² / solid / > 50 N
Conductor cross section/conductor type/tractive force
setpoint/actual value
1.5 mm² / flexible / > 40 N
Electrical tests
Temperature-rise test
Specification
IEC 60947-7-4:2019-01
Requirement temperature-rise test
The sum of ambient temperature and temperature rise of the
PCB terminal block shall not exceed the upper limiting
temperature.
Short-time withstand current
Specification
IEC 60947-7-4:2019-01
Insulation resistance
Specification
IEC 60512-3-1:2002-02
Insulation resistance, neighboring positions
> 5 MΩ
Air clearances and creepage distances |
Specification
IEC 60947-1:2007-06 + A1:2010-12 + A2:2014-09
Insulating material group
I
Comparative tracking index (IEC 60112)
CTI 600
Rated insulation voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
minimum clearance value - non-homogenous field (III/3)
3 mm
minimum creepage distance (III/3)
3.2 mm
Note on connection cross section
With connected conductor 2.5 mm² (solid).
MKDS 1,5/21 - PCB terminal block
1757743
https://www.phoenixcontact.com/us/products/1757743
Mar 8, 2024, 5:15 AM
Page 4 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com