Electronic Components Datasheet Search
  English  ▼

X  

1757743 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757743
Description  MKDS 1,5/21 - PCB terminal block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757743 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757743 Datasheet HTML 1Page - PHOENIX CONTACT 1757743 Datasheet HTML 2Page - PHOENIX CONTACT 1757743 Datasheet HTML 3Page - PHOENIX CONTACT 1757743 Datasheet HTML 4Page - PHOENIX CONTACT 1757743 Datasheet HTML 5Page - PHOENIX CONTACT 1757743 Datasheet HTML 6Page - PHOENIX CONTACT 1757743 Datasheet HTML 7Page - PHOENIX CONTACT 1757743 Datasheet HTML 8Page - PHOENIX CONTACT 1757743 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 21, number of rows: 1, number of positions per row: 21, product
range: MKDS 1,5, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. The article can be aligned to create different nos. of
positions!
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
The latching on the side enables various numbers of positions to be combined
•
Commercial data
Item number
1757743
Packing unit
50 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
AALFGF
GTIN
4046356343008
Weight per piece (including packing)
29.65 g
Weight per piece (excluding packing)
29.64 g
Country of origin
DE
MKDS 1,5/21 - PCB terminal block
1757743
https://www.phoenixcontact.com/us/products/1757743
Mar 8, 2024, 5:15 AM
Page 1 (13)


Similar Part No. - 1757743

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17577 ETC2-17577 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Festo Corporation.
175770 FESTO-175770 Datasheet
99Kb / 1P
Compact air cylinder
logo
PHOENIX CONTACT
1757730 PHOENIX-1757730 Datasheet
57Kb / 4P
Printed-circuit board connector - MC 1,5/ 2-G-3,81 BU
More results

Similar Description - 1757743

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715093 PHOENIX-1715093 Datasheet
136Kb / 8P
PCB terminal block - MKDS 1,5/10
1715187 PHOENIX-1715187 Datasheet
60Kb / 5P
PCB terminal block - MKDS 1,5/ 5
1715190 PHOENIX-1715190 Datasheet
74Kb / 6P
PCB terminal block - MKDS 1,5/ 6
1715255 PHOENIX-1715255 Datasheet
57Kb / 5P
PCB terminal block - MKDS 1,5/ 2 BU
1715718 PHOENIX-1715718 Datasheet
60Kb / 5P
PCB terminal block - MKDS 1,5/ 9
1718948 PHOENIX-1718948 Datasheet
60Kb / 5P
PCB terminal block - MKDS 1,5/ 7
1742059 PHOENIX-1742059 Datasheet
132Kb / 10P
PCB terminal block - MKDS 1,5/15
09/12/2020
1701303 PHOENIX-1701303 Datasheet
422Kb / 12P
PCB terminal block - MKDS 1,5/16-5,08
Jan 10, 2023
1715307 PHOENIX-1715307 Datasheet
503Kb / 13P
MKDS 1,5/16 - PCB terminal block
1718951 PHOENIX-1718951 Datasheet
502Kb / 13P
MKDS 1,5/11 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com