Electronic Components Datasheet Search
  English  ▼

X  

1757743 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1757743
Description  MKDS 1,5/21 - PCB terminal block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757743 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1757743 Datasheet HTML 2Page - PHOENIX CONTACT 1757743 Datasheet HTML 3Page - PHOENIX CONTACT 1757743 Datasheet HTML 4Page - PHOENIX CONTACT 1757743 Datasheet HTML 5Page - PHOENIX CONTACT 1757743 Datasheet HTML 6Page - PHOENIX CONTACT 1757743 Datasheet HTML 7Page - PHOENIX CONTACT 1757743 Datasheet HTML 8Page - PHOENIX CONTACT 1757743 Datasheet HTML 9Page - PHOENIX CONTACT 1757743 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Drawings
Dimensional drawing
9,8
4,6
a+5
(a+5,08)
a
2,5
5
(2,54)
(5,08)
Diagram
2
= 1,5 mm2
2
0
6
12
18
24
30
36
42
48
0 10 20 30 40 50 60 70 80 90 100 110
[°C]
= 2,5 mm2
1
1
Type: MKDS 1,5/...
MKDS 1,5/21 - PCB terminal block
1757743
https://www.phoenixcontact.com/us/products/1757743
Mar 8, 2024, 5:15 AM
Page 6 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com