Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner for the integrated mounting on process control valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Type 8696
3 | 14
Visit product website 
1.
General technical data
1.1. Digital electropneumatic positioner Type 8696
Product properties
Dimensions
Further information can be found in chapter “4. Dimensions” on page 8.
Material
Body
PPS, Stainless steel
Seal
EPDM
Cover
PC
Operation
Operating keys
2
DIP switch
Integrated (only for 24 V DC version without digital communication)
Service interface
Connection with PC via USB connection
Configuration tool
Bürkert Communicator
PACTware (only for 24 V DC device version with serial interface)
Commissioning
Initialisation positioner
Automatic by X.TUNE function (automatic adjustment of the positioner)
Manual override of pilot valve
In manual mode via operating keys
Status display
Display of device and valve status
Multicoloured LEDs
Communication
Digital
IO-Link, Bürkert system bus (büS) (based on CANopen)
Performance data
Position sensor
Measuring principle
Inductive
Position detection module
Contactless analogue position sensor (wear-free)
Stroke range
Valve spindle
3…32 mm
Electrical data
Operating voltage
24 V DC ± 25 %
UL: NEC Class 2
Residual ripple
Max. 10 %
Power consumption
≤ 3.5 W
Protection class
III according to DIN EN 61140
Electrical connection
Multipole version
M12, 8-pin resp. 5-pin according to device version
(see “5. Device/Process connections” on page 9)
Pneumatic data
Control medium
Neutral gases, air, quality class according to ISO 8573 - 1
Dust content
Class 7 (< 40 µm particle size)
Particle density
Class 5 (< 10 mg/m3)
Pressure dew point
Class 3 (<- 20 °C)
Oil content
Class X (< 25 mg/ m3)
Supply pressure
0…7 bar 1.)
Pilot air port
Threaded connection G ⅛, stainless steel
Positioning system
Low air capacity
Single-acting
7 l
N/min for aeration and ventilation
(Q
Nn value according to definition at pressure drop from 7 to 6 bar abs)
Actuator series/size
Type 23xx, actuator Ø 50 mm
Type 2103, actuator Ø 50 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com