Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner for the integrated mounting on process control valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Type 8696
9 | 14
Visit product website 
5.
Device/Process connections
5.1. Electrical connections
Without fieldbus communication 24 V DC
M12 circular plug, 8-pin
3
2
1
7
6
5
4
8
Pin
Pin assignment
1
Setpoint + (0/4…20 mA / 0…5/10 V)
2
Setpoint GND
3
Operating voltage GND
4
Operating voltage + 24 V DC
5
Digital input +
6
Digital input GND
7
Analogue position feedback GND
8
Analogue position feedback +
IO-Link connection
M12 circular plug, 5-pin, Port Class A
1
2
3
4
5
Pin
Description
Pin assignment
1
L +
24 V DC
System supply
2
I/Q
NC
Not connected
3
L -
0 V (GND)
System supply
4
C/Q
IO-Link
Communication
5
NC
NC
Not connected
M12 circular plug, 5-pin, Port Class B
1
2
3
4
5
Pin
Description
Pin assignment
1
L +
24 V DC
System supply
2
P24
24 V DC
Actuator supply
3
L -
0 V (GND)
System supply
4
C/Q
IO-Link
Communication
5
N24
0 V (GND)
Actuator supply
Bürkert system bus (büS) connection
M12 circular plug, 5-pin
1
2
3
4
5
Pin
Description
Cable colour
1
CAN shielding
CAN shielding
2
+ 24 V DC ± 25 %,
max. residual ripple 10 %
Red
3
GND / CAN_GND
Black
4
CAN_H
White
5
CAN_L
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com