Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic positioner for the integrated mounting on process control valves
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Visit product website 
DATA SHEET
Type 2301
Pneumatically operated
2-way globe control valve
Type 2300
Pneumatically operated 2
way angle seat control
valve ELEMENT
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Standard | EU | en | 2023-12-11 | 18
Digital electropneumatic positioner for the integrated
mounting on process control valves
• Compact, robust stainless steel design
• Start-up by automatic TUNE-Function
• Contact-free position sensor
• Integrated control air routing
• Digital communication IO-Link, Bürkert system bus (büS)
Compact positioner for integrated mounting on pneumatically operated process
valves. Remote setpoint adjustment via a 4 - 20 mA signal. A contact-free continu-
ous sensor measures the position of the valve spindle. Simple installation through
automatic TUNE-Function and setting through DIP-switch: close tight function,
characteristic curves selection, reversal of effective direction, switching manual /
automatic operation, digital input. A software interface can be used for, amongst
others, linearisation of the operation characteristics by using free programmable
fixed points. The valve position indication is shown through LED components. As
an option an analogue position feedback can be integrated.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8696
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2103

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
logo
XFMRS Inc.
2103 XFMRS-2103 Datasheet
440Kb / 6P
HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
Festo Corporation.
2103 FESTO-2103 Datasheet
76Kb / 1P
One-way flow control valve
logo
New Japan Radio
2103 NJRC-2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Heyco.
2103 HEYCO-2103 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2103

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400 INFINEON-BCR400 Datasheet
94Kb / 3P
Application Considerations for the Integrated Bias Control Circuits
2000-07-27
logo
ASM GmbH
PD-INC-24VDC-G24V ASM-SENSOR-PD-INC-24VDC-G24V Datasheet
107Kb / 4P
Digital Process Meter for Incremental Sensors
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
Integrated on-time control circuit
logo
Red Lion Controls. Inc
PCU01000 REDLION-PCU01000 Datasheet
1Mb / 96P
THE PROCESS CONTROL UNIT
PCU10000 REDLION-PCU10000 Datasheet
1Mb / 96P
THE PROCESS CONTROL UNIT
logo
STMicroelectronics
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
logo
Bel Fuse Inc.
LDT481 BEL-LDT481 Datasheet
660Kb / 4P
Process Control
logo
PHOENIX CONTACT
2702519 PHOENIX-2702519 Datasheet
46Kb / 2P
Special alignment tool for the accurate mounting of connectors on the leaky wave conductors.
2884981 PHOENIX-2884981 Datasheet
44Kb / 2P
Special alignment tool for the accurate mounting of connectors on the leaky wave conductors.
2811886 PHOENIX-2811886 Datasheet
60Kb / 3P
For control cabinet mounting of the operating and display unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com