Electronic Components Datasheet Search
  English  ▼

X  

TCS3707 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TCS3707
Description  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3707 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TCS3707 Datasheet HTML 10Page - OSRAM GmbH TCS3707 Datasheet HTML 11Page - OSRAM GmbH TCS3707 Datasheet HTML 12Page - OSRAM GmbH TCS3707 Datasheet HTML 13Page - OSRAM GmbH TCS3707 Datasheet HTML 14Page - OSRAM GmbH TCS3707 Datasheet HTML 15Page - OSRAM GmbH TCS3707 Datasheet HTML 16Page - OSRAM GmbH TCS3707 Datasheet HTML 17Page - OSRAM GmbH TCS3707 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
ams Datasheet, Confidential
Page 13
[v1-05] 2019-May-13
Document Feedback
TCS3707 − Typical Operating Characteristics
Figure 16:
Illuminance (Lux) vs. Counts (Clear Channel)
Figure 17:
Recommended 950nm LED Forward Voltage vs. Current
Note(s):
1. The LED supply voltage (VLEDA) must be sufficiently large to guarantee proper operation of the regulated current sink.
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
100
1000
10000
100000
Clear Channel (counts)
Dynamic Range (ATIME = 100ms)
1/2x
2x
8x
64x
256x
1024x
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
LED Forward Voltage
Forward Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com