Electronic Components Datasheet Search
  English  ▼

X  

TCS3707 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TCS3707
Description  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3707 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TCS3707 Datasheet HTML 11Page - OSRAM GmbH TCS3707 Datasheet HTML 12Page - OSRAM GmbH TCS3707 Datasheet HTML 13Page - OSRAM GmbH TCS3707 Datasheet HTML 14Page - OSRAM GmbH TCS3707 Datasheet HTML 15Page - OSRAM GmbH TCS3707 Datasheet HTML 16Page - OSRAM GmbH TCS3707 Datasheet HTML 17Page - OSRAM GmbH TCS3707 Datasheet HTML 18Page - OSRAM GmbH TCS3707 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
Page 14
ams Datasheet, Confidential
Document Feedback
[v1-05] 2019-May-13
TCS3707 − Detailed Description
Upon power-up, POR, the device initializes. During initialization
(typically 200μs), the device will deterministically send NAK on
I²C and cannot accept I²C transactions. All communication with
the device must be delayed, and all outputs from the device
must be ignored including interrupts. After initialization, the
device enters the SLEEP state. In this operational state the
internal oscillator and other circuitry are not active, resulting in
ultra-low power consumption. If an I²C transaction occurs
during this state, the I²C core wakes up temporarily to service
the communication. Once the Power ON bit, PON, is enabled,
the device enters the IDLE state in which the internal oscillator
and attendant circuitry are active, but power consumption
remains low. Whenever a function is enabled
(PEN | AEN = 1)the device exits the IDLE state. If all functions
are disabled (PEN = 0 & AEN = 0 ), the device returns to the IDLE
state.
As depicted in Figure 18 and Figure 19, the proximity and
CRGBW color sensing functions operate in parallel when
enabled (CONCURRENT_PROX_AND_ALS = 1). In addition,
when proximity calibration is requested, it will temporarily
disable the proximity function. Each function is individually
configured (e.g. gain, ADC integration time, wait time,
persistence, thresholds, etc.).
If Sleep after Interrupt is enabled (SAI = 1 in register 0xAC), the
state machine will enter SLEEP when an interrupt occurs.
Entering SLEEP does not automatically change any of the
register settings (e.g. PON bit is still high, but the normal
operational state is over-ridden by SLEEP state). SLEEP state is
terminated when the SAI_ACTIVE bit is cleared (the status bit is
in register 0xA7 and the clear status bit is in register 0xFA).
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com