Electronic Components Datasheet Search
  English  ▼

X  

TCS3707 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # TCS3707
Description  ALS/Color Sensor with Flicker Detection
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3707 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button TCS3707 Datasheet HTML 44Page - OSRAM GmbH TCS3707 Datasheet HTML 45Page - OSRAM GmbH TCS3707 Datasheet HTML 46Page - OSRAM GmbH TCS3707 Datasheet HTML 47Page - OSRAM GmbH TCS3707 Datasheet HTML 48Page - OSRAM GmbH TCS3707 Datasheet HTML 49Page - OSRAM GmbH TCS3707 Datasheet HTML 50Page - OSRAM GmbH TCS3707 Datasheet HTML 51Page - OSRAM GmbH TCS3707 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
ams Datasheet, Confidential
Page 47
[v1-05] 2019-May-13
Document Feedback
TCS3707 − Register Overview
Status Registers
The primary status register for TCS3707 indicates if there are
saturation or interrupt events that need to be handled by the
user. This register is self-clearing, meaning that writing a 1 to
any bit in the register clears that status bit. In this way, the user
should read the STATUS register, handle all indicated event(s),
then write the register value back to STATUS to clear the
handled events. Writing 0 to these bits will not clear those bits
if they have a value of 1, which means that new events that
occurred since the last read of the STATUS register will not be
accidentally cleared.
Figure 55:
STATUS
Addr: 0x93
STATUS
Bit
Field
Reset
Type
Bit Description
7ASAT
0
R
ALS and Flicker Detect Saturation. If ASIEN is set,
indicates ALS saturation. Check the STATUS2 register
to differentiate between analog or digital saturation.
6PSAT
0
R
Proximity Saturation. If PSIEN is set, indicates
analog saturation during a previous proximity cycle.
Check the STATUS3 register to differentiate between
ambient or reflected light saturation.
5PINT1
0
R
Proximity Interrupt One. If PIEN1 is set, indicates
that a proximity detect or release event that met the
programmed proximity thresholds (PILT1 or PIHT1)
and persistence (PPERS) occurred.
4PINT0
0
R
Proximity Interrupt Zero. If PIEN0 is set, indicates
that a proximity detect or release event that met the
programmed proximity thresholds (PILT0 or PIHT0)
and persistence (PPERS) occurred.
3AINT
0
R
ALS Interrupt. If AIEN is set, indicates that an ALS
event that met the programmed ALS thresholds
(AILT or AIHT) and persistence (APERS) occurred.
2
Reserved
0
1CINT
0
R
Calibration Interrupt. If CIEN is set, indicates that
either calibration is finished or that one of certain
events have occurred during normal operation. If
each function is enabled, CINT will be asserted if too
many zeroes occur too often in a period of samples, if
the proximity baseline has decreased, or if at least
one offset register has been adjusted. Check the
CALIBSTAT register to identify the triggering event(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com