Electronic Components Datasheet Search
  English  ▼

X  

TCS37727 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TCS37727
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TCS37727 Datasheet HTML 4Page - OSRAM GmbH TCS37727 Datasheet HTML 5Page - OSRAM GmbH TCS37727 Datasheet HTML 6Page - OSRAM GmbH TCS37727 Datasheet HTML 7Page - OSRAM GmbH TCS37727 Datasheet HTML 8Page - OSRAM GmbH TCS37727 Datasheet HTML 9Page - OSRAM GmbH TCS37727 Datasheet HTML 10Page - OSRAM GmbH TCS37727 Datasheet HTML 11Page - OSRAM GmbH TCS37727 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
ams Datasheet
Page 7
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Electrical Characteristics
Figure 8:
Optical Characteristics, VDD = 3 V, TA = 25°C, AGAIN = 16×, ATIME = 0xF6 (unless otherwise noted)
(1)
Note(s):
1. The percentage shown represents the ratio of the respective red, green, or blue channel value to the clear channel value.
2. The 465 nm input irradiance is supplied by an
InGaN light-emitting diode with the following characteristics: dominant wavelength
λD=465nm, spectral halfwidth Δλ½ = 22 nm.
3. The 525 nm input irradiance is supplied by an
InGaN light-emitting diode with the following characteristics: dominant wavelength
λD=525nm, spectral halfwidth Δλ½ = 35 nm.
4. The 615 nm input irradiance is supplied by a Al
InGaP light-emitting diode with the following characteristics: dominant wavelength
λD=615nm, spectral halfwidth Δλ½ = 15 nm.
Figure 9:
RGBC Characteristics, VDD = 3 V, TA = 25°C, AGAIN = 16×, AEN = 1 (unless otherwise noted)
Note(s):
1. Parameter ensured by design and is not tested.
Parameter
Test
Conditions
Red
Channel
Green
Channel
Blue
Channel
Clear Channel
Unit
Min
Max
Min
Max
Min
Max
Min
Typ
Max
Re
Irradiance
responsivity
λD= 465 nm
(2)
0%
15%
10%
42%
65%
88%
11.0
13.8
16.6
counts
/μW
/cm2
λD= 525 nm
(3)
4%
25%
60%
85%
10%
45%
13.2
16.6
20.0
λD= 615 nm
(4)
80%
110%
0%
14%
5%
24%
15.6
19.5
23.4
Parameter
Conditions
Min
Typ
Max
Units
Dark ADC count value
Ee = 0, AGAIN = 60×,
ATIME = 0xD6 (100 ms)
01
5
counts
ADC integration time step size
ATIME=0xFF
2.27
2.4
2.56
ms
ADC number of integration steps (1)
1256
steps
ADC counts per step (1)
01024
counts
ADC count value (1)
ATIME=0xC0 (153.6 ms)
0
65535
counts
Gain scaling, relative to 1× gain
setting
4×
3.8
4
4.2
×
16×
15
16
16.8
60×
58
60
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com