Electronic Components Datasheet Search
  English  ▼

X  

TCS37727 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TCS37727
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TCS37727 Datasheet HTML 25Page - OSRAM GmbH TCS37727 Datasheet HTML 26Page - OSRAM GmbH TCS37727 Datasheet HTML 27Page - OSRAM GmbH TCS37727 Datasheet HTML 28Page - OSRAM GmbH TCS37727 Datasheet HTML 29Page - OSRAM GmbH TCS37727 Datasheet HTML 30Page - OSRAM GmbH TCS37727 Datasheet HTML 31Page - OSRAM GmbH TCS37727 Datasheet HTML 32Page - OSRAM GmbH TCS37727 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Register Description
Enable Register (0x00)
The ENABLE register is used primarily to power the TCS3772
device on and off, and enable functions and interrupts as shown
below.
Figure 33:
Enable Register
7
6
5
4
321
0
Reserved
PIEN
AIEN
WEN
PEN
AEN
PON
Fields
Bits
Description
Reserved
7:6
Reserved. Write as 0.
PIEN
5
Proximity interrupt enable. When asserted, permits proximity interrupts to
be generated.
AIEN
4
Clear channel interrupt enable. When asserted, permits Clear interrupts to
be generated.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait
timer. Writing a 0 disables the wait timer.
PEN
2
Proximity enable. This bit activates the proximity function. Writing a 1
enables proximity. Writing a 0 disables proximity.
AEN
1
RGBC enable. This bit actives the two-channel ADC. Writing a 1 activates
RGBC. Writing a 0 disables RGBC.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator. During reads and writes over the I²C interface, this bit
is temporarily overridden and the oscillator is enabled, independent of the
state of PON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com