Electronic Components Datasheet Search
  English  ▼

X  

TCS37727 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TCS37727
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37727 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TCS37727 Datasheet HTML 33Page - OSRAM GmbH TCS37727 Datasheet HTML 34Page - OSRAM GmbH TCS37727 Datasheet HTML 35Page - OSRAM GmbH TCS37727 Datasheet HTML 36Page - OSRAM GmbH TCS37727 Datasheet HTML 37Page - OSRAM GmbH TCS37727 Datasheet HTML 38Page - OSRAM GmbH TCS37727 Datasheet HTML 39Page - OSRAM GmbH TCS37727 Datasheet HTML 40Page - OSRAM GmbH TCS37727 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Register Description
RGBC Channel Data Registers (0x14 - 0x1B)
Clear, red, green, and blue data is stored as 16-bit values. To
ensure the data is read correctly, a two-byte read I²C transaction
should be used with a read word protocol bit set in the
command register. With this operation, when the lower byte
register is read, the upper eight bits are stored into a shadow
register, which is read by a subsequent read to the upper byte.
The upper register will read the correct value even if additional
ADC integration cycles end between the reading of the lower
and upper registers.
Figure 45:
RGBC Channel Data Registers
Proximity Data Registers (0x1C - 0x1D)
Proximity data is stored as a 16-bit value. To ensure the data is
read correctly, a two-byte read I²C transaction should be used
with a read word protocol bit set in the command register. With
this operation, when the lower byte register is read, the upper
eight bits are stored into a shadow register, which is read by a
subsequent read to the upper byte. The upper register will read
the correct value even if additional ADC integration cycles end
between the reading of the lower and upper registers.
Figure 46:
Proximity Data Registers
Register
Address
Bits
Description
CDATA
0x14
7:0
Clear data low byte
CDATAH
0x15
7:0
Clear data high byte
RDATA
0x16
7:0
Red data low byte
RDATAH
0x17
7:0
Red data high byte
GDATA
0x18
7:0
Green data low byte
GDATAH
0x19
7:0
Green data high byte
BDATA
0x1A
7:0
Blue data low byte
BDATAH
0x1B
7:0
Blue data high byte
Register
Address
Bits
Description
PDATA
0x1C
7:0
Proximity data low byte
PDATAH
0x1D
7:0
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com