Electronic Components Datasheet Search
  English  ▼

X  

8686 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8686
Description  Multifunction Block Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8686 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8686 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Type 2034
Block
5 | 13
Visit product website 
3.
Materials
3.1. Chemical Resistance Chart – Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start Chemical Resistance Check
3.2. Material specifications
Version with ELEMENT actuator (Type 2103)
Diaphragm size: DN08…DN65
1
2
3
5
6
7
8
4
No. Element
Material
1
Optical position indicator
Transparent cap in polysulfone PSU
2
Pilot air ports
Push-in connector PP (standard)
On request: thread ⅛" stainless steel
1.4305
3
Actuator cover
PPS
4
Cover
Stainless steel 1.4561 (316Ti)
5
Piston seal
FKM
6
Socle
Stainless steel 1.4308
7
Screws
Stainless steel
8
Diaphragm
EPDM (AD), PTFE/EPDM (EA),
advanced PTFE/EPDM (EU), Gylon®/
EPDM laminated (ER)
Version with CLASSIC actuator (Type 2031)
Diaphragm size: DN08…DN100
1
2
3
5
6
7
4
No. Element
Material
1
Optical position
indicator
Transparent cap in polysulfone
(actuator size 40…125)
Transparent cap in polycarbonate
(actuator size 175…225)
2
Actuator
Polyphenylene sulphide PPS (actuator size
40…125)
Polyamide PA (actuator size 175…225)
3
Pilot air ports
Stainless steel 1.4305
4
Piston seal
FKM (actuator size 40…125)
NBR (actuator size 175…225)
5
Socle
Stainless steel 1.4404 (actuator size 40…125)
Stainless steel 1.4308 (actuator size 175…225)
6
Screws
Stainless steel
7
Diaphragm
EPDM (AD), PTFE/EPDM (EA), advanced PTFE/
EPDM (EU), Gylon®/EPDM laminated (ER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com