Electronic Components Datasheet Search
  English  ▼

X  

8686 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 8686
Description  Multifunction Block Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8686 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8686 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Type 2034
Block
6 | 13
Visit product website 
Version with INOX actuator (Type 2063)
Diaphragm size: DN08…DN50
1
2
3
5
6
7
4
No. Element
Material
1
Optical position indicator
Polysulfone PSU
2
Spring support
Stainless steel 1.4308
3
Spring
EN10270 - 2 FDSiCr
4
Actuator cover
Stainless steel 1.4404 (316L)
5
Piston seal
FKM
6
Actuator base (diaphragm socle)
Stainless steel 1.4308
7
Diaphragm
EPDM (AD), PTFE/EPDM (EA), ad-
vanced PTFE/EPDM (EU), Gylon®/
EPDM laminated (ER)
Version with Robolux actuator (Type 2036)
Diaphragm size: DN08…DN50
1
2
4
5
3
No. Element
Material
1
Optical position indicator
Transparent cap in polyamide 12
2
Actuator
Stainless steel 1.4308/PPS
3
Piston seal
FKM
4
Screws
Stainless steel
5
Diaphragm
EPDM (AD),advanced PTFE/EPDM lami-
nated (EK), Gylon®/EPDM laminated (ER)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com