Electronic Components Datasheet Search
  English  ▼

X  

8686 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8686
Description  Multifunction Block Solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8686 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8686 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8686 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Type 2034
Block
7 | 13
Visit product website 
Version with manual actuator (Type 3233)
Diaphragm size DN08…DN100
1
2
4
3
No. Element
Material
1
Optical position
indicator
Diaphragm size 15…50: Polyoxymethylene
Diaphragm size 65…100: Stainless steel
2
Handwheel
Diaphragm size 8…50: Polyphenylene sulphide
PPS (Stainless steel on request)
Diaphragm size 65…100: Stainless steel
3
Socle
Diaphragm size 8…50: Polyphenylene sulphide
PPS (Stainless steel on request)
Diaphragm size 65…100: Stainless steel
4
Diaphragm
EPDM (AD), PTFE/EPDM (EA), advanced PTFE/
EPDM (EU), Gylon®/EPDM laminated (ER)
3.3. Example of available membrane materials
The diaphragms are designed to meet the unique challenges of hygienic and sterile requirements. Bürkert offers diaphragms with
precise material composition and a high level of accuracy. Bürkert diaphragms are available in a wide range of materials proven in
applications in the food and beverage, biotechnology and pharmaceutical and cosmetic industries. The diaphragms are tested during
development and production to ensure reliability under difficult process conditions.
• EPDM (AD)
• PTFE/EPDM (EA)
• advanced PTFE/EPDM (EU)
• Gylon®/EPDM laminated (ER)
• advanced PTFE/EPDM laminated (EK)
For further information please refer to our flyer “Diaphragm competence for hygienic applications” on our website .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com