Electronic Components Datasheet Search
  English  ▼

X  

2921 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 2921
Description  Manually operated 2/2-way angle seat valve
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2921 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 2921 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Type 2920
7 | 14
Visit product website 
4.
Dimensions
4.1. Actuator
Note:
Dimensions in mm
Position opened
B1
Nominal connection size (pipe)
Handwheel diameter Ø
B1 1.)
H1 1.)
[DN]
[NPS]
[mm]
15
½
45 (S)
148
148
20
¾
45 (S)
154
154
25
1
45 (S)
163
163
32
1 ¼
45 (S)
171
171
40
1 ½
452.) (S), 110 (M)
224
224
50
2
110 (M)
241
241
65
2 ½
160 (L)
290
290
80
3
160 (L)
308
310
1.) The dimensions for B and H are maximum dimensions and may be up to 6 mm less, depending on the nominal diamenter and standard.
2.) At an operating pressure of less than 16 bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com