Electronic Components Datasheet Search
  English  ▼

X  

2921 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 2921
Description  Manually operated 2/2-way angle seat valve
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2921 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 2921 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Type 2920
11 | 14
Visit product website 
5.
Performance specifications
5.1. Fluidic data
Overview of fluidic data for flow below seat (for liquids, steam and gases)
Note:
• K
V value [m
3
/h]: measurement with water according to DIN EN 60534 - 2 - 4
• Seat leakage leakage rate A according to DIN EN 12266 - 1
• See “7.2. Bürkert product filter” on page 14
Nominal diameter (pipe)
Handwheel
diameter Ø
Operating pressure max.
K
VS value
Valve seat seal
PTFE
PEEK
[DN]
[NPS]
[mm]
[bar(g)]
[bar(g)]
[m3/h]
ASME BPE (12.7 mm x 1.65 mm / 0.5" x 0.065")
15
½
45 (S)
25
20
1.6
All standards
15
½
45 (S)
25
25
5.0
20
¾
45 (S)
25
25
10.0
25
1
45 (S)
25
25
16.0
32
1 ¼
45 (S)
25
25
23.0
40
1 ½
451.) (S), 110 (M)
25
25
36.0
50
2
110 (M)
25
20
53
65
2 ½
160 (L)
24
14
90
80
3
160 (L)
16
14
150
1.) At an operating pressure of less than 16 bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com