Electronic Components Datasheet Search
  English  ▼

X  

2921 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 2921
Description  Manually operated 2/2-way angle seat valve
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2921 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 2921 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2921 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Type 2920
10 | 14
Visit product website 
4.4. Body with clamp connection
Note:
Dimensions in mm
LC
CC
Nominal diameter
(pipe)
Clamp: DIN 32676 B
Pipe:
DIN EN ISO 1127
ISO 4200
DIN 11866 B
Clamp: DIN 32676 A
(DN 15, similar to DIN 32676 B)
Pipe:
DIN 11850 2
DIN 11866 A
DN
LC
CC
Ø D1 C
Ø D2 C
SC
LC
CC
Ø D1 C
Ø D2 C
SC
15
156
49.0
50.5
21.3
1.6
130
49.5
34.0
19
1.5
20
150
56.5
50.5
26.9
1.6
150
57.0
34.0
23
1.5
25
160
58.0
50.5
33.7
2.0
160
58.5
50.5
29
1.5
32
200
57.5
50.5
42.4
2.0
180
58.0
50.5
35
1.5
40
200
69.0
64.0
48.3
2.0
200
69.5
50.5
41
1.5
50
230
77.5
77.5
60.3
2.6
230
78.0
64.0
53
1.5
Nominal diameter
(pipe)
Clamp: ASME BPE
Pipe:
ASME BPE
DIN 11866 C
NPS
LC
CC
Ø D1 C
Ø D2 C
SC
½
130
49.0
25.0
12.7
1.65
¾
150
56.5
25.0
19.05
1.65
1
160
58.0
50.5
25.4
1.65
1½
200
69.0
50.5
38.1
1.65
2
230
77.5
64.0
50.8
1.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com