Electronic Components Datasheet Search
  English  ▼

X  

3235 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3235
Description  Tank bottom diaphragm valve with hand actu-ator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3235 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3235 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Type 3235
Manually operated diaphragm valve
3 | 10
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 6.
Material1.)
Block body (VH)1.)
Stainless steel 1.4435/316 L
Block body (VI)1.)
Stainless steel 1.4435/BN2/ASME BPE; Fe < 0.5 %/C ≤ 0.03 %
Diaphragm
EPDM (AD)1.), PTFE/EPDM (EA)1.), advanced PTFE/EPDM (EU)1.),
Gylon®/EPDM laminated (ER)1.)
Actuator (Actuator/handwheel) -
Diaphragm size 8…50
PPS (Stainless steel on request)/PPS (Stainless steel on request)
Actuator (Actuator/handwheel) -
Diaphragm size 65…100
Stainless steel/Stainless steel
Diaphragm size
8…100
Standard surface quality2.)
Block body (VH/VI)1.)
Internal electrically polished : Ra ≤ 0.38 μm (NO17)1.) (ASME BPE SF4/DIN HE4)
(external Ra ≤ 1.6 µm)
Internal mechanically polished : Ra ≤ 0.5 μm (NO14)1.) (ASME BPE SF1)
(external Ra ≤ 1.6 µm)
Medium data
Medium
Neutral gases and fluids, highly purified, sterile, aggressive or abrasive medium
(see Resistance Chart )
Medium temperature
EPDM (AD)1.)
- 10…+ 143 °C (steam sterilisation + 150 °C for 60 min)
PTFE/EPDM (EA)1.)
- 10…+ 130 °C (steam sterilisation + 140 °C for 60 min)
advanced PTFE/EPDM (EU)1.)
- 5…+ 143 °C (steam sterilisation + 150 °C for 60 min)
GYLON®/EPDM laminated (ER)1.)
- 5…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Process/Port connection & communication
Nominal diameter
DN06…DN100 (⅛" … 4")
Port connections2.)
Welded connection2.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A
ASME BPE/DIN 11866 series C
Clamp connection2.)
DIN 32676 series A (DIN pipe)
DIN 32676 series B (ISO pipe)
ASME BPE
Environment and installation
Installation position
See operating manual 
Ambient temperature
PPS/PPS
0…+ 130 °C (short-term up to + 150 °C)
Stainless steel/PPS
0…+ 130 °C (short-term up to + 150 °C)
Stainless steel/Stainless steel
- 10…+ 140 °C (short-term up to + 150 °C)
1.) This information is part of the product key (see product enquiry form at the end of this data sheet)
2.) Further versions on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com