Electronic Components Datasheet Search
  English  ▼

X  

3235 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 3235
Description  Tank bottom diaphragm valve with hand actu-ator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3235 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 3235 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Type 3235
Manually operated diaphragm valve
7 | 10
Visit product website 
4.2. Tank bottom body with welded connection
Note:
Dimensions in mm, unless otherwise stated
B
L
Diaphragm
size
Port connection
DN
Ø B
C1
D
Ø D1
s
L
Product key1.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
8
8
50
8
35°
13.5
1.6
5
SA40
15
15
65
12
35°
21.3
1.6
4
SA42
85
8
SA42
20
20
85
12
35°
26.9
1.6
5.6
SA43
25
25
120
16
35°
33.7
2
8
SA44
40
32
150
18
35°
42.4 (Port 32)
2
20
SA45
40
48.3
15
SA46
50
50
180
22
35°
60.3
2
12
SA47
80
65
225
20
40°
76.1
2
16
SA48
80
88.9
2.3
10
SA49
100
100
298
30
40°
114.3
2.3
16.5
SA39
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A
8
10
50
8
35°
13
1.5
5
SD40
15
15
85
12
35°
19
1.5
8
SD42
20
20
85
12
35°
23
1.5
7
SD43
25
25
120
16
35°
29
1.5
8
SD44
40
40
150
18
35°
41
1.5
20
SD46
50
50
180
22
35°
53
1.5
15
SD47
80
80
225
20
40°
85
2
16
SD49
100
100
298
30
40°
104
2
14
SD50
ASME BPE/DIN 11866 series C
8
¼"
50
8
35°
6.35
0.89
6
SA90
15
½"
85
12
35°
12.7
1.65
10
SA92
20
¾"
85
12
35°
19.05
1.65
8
SA93
25
1"
120
16
35°
25.4
1.65
12
SODF
40
1½"
150
18
35°
38.1
1.65
15
SODH
50
1½"
180
22
35°
38.1
1.65
25
SODH
2"
50.8
15
SODI
2½"
63.5
11
SODJ
80
2½"
225
20
40°
63.5
1.65
25
SODJ
3"
76.2
16
SODK
100
4"
298
30
40°
101.6
2.11
14
SODL
SMS 3008
25
25
120
16
35°
25
1.2
8
SA60
40
40
150
18
35°
38
1.2
20
SA62
50
50
180
22
35°
51
1.2
15
SA63
1.) This information is part of the product key (see product enquiry form at the end of this data sheet)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com