Electronic Components Datasheet Search
  English  ▼

X  

3235 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 3235
Description  Tank bottom diaphragm valve with hand actu-ator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3235 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 3235 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3235 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Type 3235
Manually operated diaphragm valve
9 | 10
Visit product website 
5.
Performance specifications
5.1. Medium pressure
Diaphragm size
Actuator material
Max. operating pressure for seal material
EPDM; PTFE/EPDM, advanced PTFE/EPDM,
GYLON®/EPDM laminated
DN
Max. [bar]
8…80
Stainless steel/Stainless steel 10
100
Stainless steel/Stainless steel 6
8…50
Stainless steel/PPS
10
8…40
PPS/PPS
10
50
PPS/PPS
7
6.
Ordering information
6.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and fast delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
6.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter
6.3. Bürkert product enquiry form
Bürkert product enquiry form: Would you like to make a specific product enquiry based on your technical requirements? Please
use our product enquiry form at the end of this data sheet. There you will find all the information relevant to your Bürkert contact
person that will help us to process your enquiry in the best possible way.
Bürkert specification key: In our product enquiry form you will find a complete explanation of the composition of our specification
key. You will find our product enquiry form at the end of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com