Electronic Components Datasheet Search
  English  ▼

X  

SIM100MLP Datasheet(PDF) 5 Page - Sensata Technologies, Inc.

Part # SIM100MLP
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MLP Datasheet(HTML) 5 Page - Sensata Technologies, Inc.

  SIM100MLP Datasheet HTML 1Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 2Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 3Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 4Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 5Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 6Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 7Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 8Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Preliminary
Rev 1.1a
© 2021 Sendyne Corp
Sendyne SIM100MLP
This contact closes the circuit and current flows
through a person’s body. Note that although it is
shown that V
n < Vp in this example, an isolation fault
cannot be detected based solely on voltage readings.
The following illustrations show two examples where
an isolation fault may be present while V
n = Vp .
A “symmetrical” or “double” isolation fault may oc-
cur through insulation failures in power connectors
or other environmental and intrusion reasons and,
depending on the value of leakage currents, may cause
power loss, overheating and even fire. Detection of
these types of faults is an absolute requirement for the
safety of IT power systems.
Capacitive faults
Of equal importance to personal safety is another type
of hazard. While international standards do not yet
require it to be monitored, it is the hazard that can be
caused by excessive energy stored in the IT power sys-
tem capacitors. IT system designers ensure that design
values of Y-capacitors prevent energy storage beyond
the safety limit of 0.2 J. Sub-system failures, such as a
coolant leakage or personnel interventions, may alter
the originally designed capacitance values. In this case
energy discharged through a person’s body can create
a hazardous event as shown in Fig. 5.
V
n
V
b
V
p
V
n
V
b
V
p
Chassis
Figure 5: A capacitive fault will lead to excessive
energy stored
Note that the stored energy limits are set for the paral-
lel combination of all capacitances between the power
terminals and chassis.
Sendyne’s SIM100 is the only isolation monitor today
that dynamically tracks IT system’s capacitances and
reports the maximum energy that can be potentially
stored in them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19