Electronic Components Datasheet Search
  English  ▼

X  

SIM100MLP Datasheet(PDF) 10 Page - Sensata Technologies, Inc.

Part # SIM100MLP
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MLP Datasheet(HTML) 10 Page - Sensata Technologies, Inc.

Back Button SIM100MLP Datasheet HTML 6Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 7Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 8Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 9Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 10Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 11Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 12Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 13Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 14Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Preliminary
Rev 1.1a
© 2021 Sendyne Corp
Sendyne SIM100MLP
Technical Specifications
Electrical Specifications
Parameter
Min
Typ
Max
Units
Conditions/Comments
Power and General
Electronics operating
temperature range
-40
+125
°C
Connector temperature
ratings
-40
+105
°C
Supply Voltage
4.8
53
V
Supply Power
500
mW
Start-up time
6
s
From application of power and power
supply stabilization to availability of
initial isolation values
Isolation Resistance Measurement
Isolation resistance
monitoring range
0
2.726
MΩ
From each side of the battery to chassis.
(includes SIM100 resistances)
Isolation monitoring
lines resistance
2.726
MΩ
This is the impedance imposed on the IT
system by each of the two battery voltage
monitoring lines and the maximum iso-
lation resistance that can be measured
Isolation monitoring
uncertainty
±5
%
For isolation resistance range of
100 kΩ to 500 kΩ, battery voltage above
15 V: The total measurement uncertain-
ty includes the contribution by the noise
and operations of the target system
Isolation values
calculation period
0.5
s
The SIM100MLP calculates all report-
able isolation values every 500 ms
Resistance value flagged
as a short
0
5
kΩ
Reported isolation resistance value will
be exactly 0 Ω/V
Voltage Measurement
Nominal full-scale voltage
range
±1520
±1109
±1552
±1132
V
V
For SIM100MLP-xNx
For SIM100MLP-xMx
Voltage offset error
-1
±0.2
+1
V
VX = 0 V, applies over the full ambient
operating temperature range,
TA = -40 °C to +125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com