Electronic Components Datasheet Search
  English  ▼

X  

SIM100MLP Datasheet(PDF) 16 Page - Sensata Technologies, Inc.

Part # SIM100MLP
Description  Sendyne Isolation Monitor For Unearthed (IT) DC Power Systems
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIM100MLP Datasheet(HTML) 16 Page - Sensata Technologies, Inc.

Back Button SIM100MLP Datasheet HTML 11Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 12Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 13Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 14Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 15Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 16Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 17Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 18Page - Sensata Technologies, Inc. SIM100MLP Datasheet HTML 19Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
Preliminary
Rev 1.1a
© 2021 Sendyne Corp
Sendyne SIM100MLP
Ordering Information
Part Number
Description
SIM100MLP-XXX
SIM100MLP module. See table below for XXX options.
Ordering Options (XXX)
SIM100MLP-XXX
A - 500 kbit/s
L - 100 V
A - All connectors, termination
B - 250 kbit/s
K - 1100 V B - All connectors, no termination
N - 1500 V
CAN bus
Voltage
Connectors & CAN termination
xLx & xNx versions with special order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com