Electronic Components Datasheet Search
  English  ▼

X  

TMD2635 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # TMD2635
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2635 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button TMD2635 Datasheet HTML 2Page - OSRAM GmbH TMD2635 Datasheet HTML 3Page - OSRAM GmbH TMD2635 Datasheet HTML 4Page - OSRAM GmbH TMD2635 Datasheet HTML 5Page - OSRAM GmbH TMD2635 Datasheet HTML 6Page - OSRAM GmbH TMD2635 Datasheet HTML 7Page - OSRAM GmbH TMD2635 Datasheet HTML 8Page - OSRAM GmbH TMD2635 Datasheet HTML 9Page - OSRAM GmbH TMD2635 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Datasheet, Public
Page 5
[v2-00] 2023-Jan-04
Document Feedback
TMD2635 − Electrical Characteristics
All limits are guaranteed. The parameters with min. and max.
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Recommended Operating Conditions
Note(s):
1. Power dissipation averaged over 1 second period.
Figure 7:
Operating Characteristics, VDD = 1.8 V, TA = 25ºC (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage to sensor
1.7
1.82.0
V
VDD3
Supply voltage to IR emitter
2.9
3.3
3.6
V
PDISS
Average power dissipation
(1)
20
mW
TA
Operating ambient temperature
-30
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fOSC
Oscillator frequency
7.9
8.1
8.3
MHz
IDD
Supply current (1)
Active state
(PON=1) (2)
197
340
482
μA
Idle state
(PON=1)(3)
30
Sleep state
(PON = 0) (4)
0.7
VOL
INT, SDA output low voltage
6 mA sink current
0.6
V
ILEAK
Leakage current, SDA, SCL, INT
-5
5
μA
VIH
SCL, SDA input high voltage(5)
1.26
V
VIL
SCL, SDA input low voltage
0.54
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com