Electronic Components Datasheet Search
  English  ▼

X  

TMD2635 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TMD2635
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2635 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TMD2635 Datasheet HTML 3Page - OSRAM GmbH TMD2635 Datasheet HTML 4Page - OSRAM GmbH TMD2635 Datasheet HTML 5Page - OSRAM GmbH TMD2635 Datasheet HTML 6Page - OSRAM GmbH TMD2635 Datasheet HTML 7Page - OSRAM GmbH TMD2635 Datasheet HTML 8Page - OSRAM GmbH TMD2635 Datasheet HTML 9Page - OSRAM GmbH TMD2635 Datasheet HTML 10Page - OSRAM GmbH TMD2635 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Page 6
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-04
TMD2635 − Electrical Characteristics
Note(s):
1. Values are shown at the VDD pin and do not include current through the IR VCSEL.
2. Active state occurs when PON = 1 and the device is actively integrating. This time is determined by the number of pulses (PPULSE)
and the pulse length (PULSE_LEN) according to the formula: (7 x PULSE_LEN) + PPULSE x (2 x PULSE_LEN + 22μs) + 78.75μs.
3. Idle state occurs when PON = 1 and the device is not in the active state.
4. Sleep state occurs when PON = 0 and I²C bus is idle. If sleep state has been entered as the result of operational flow, SAI = 1, PON
will remain high.
5. Digital pins: SDA, SCL, INT are tolerant to a communication voltage up to 3.4V.
Figure 8:
Near Proximity Photodiode Optical Characteristics, VDD = 1.8V, VDD =3.0V, TA = 25ºC (unless
otherwise noted)
Note(s):
1. Representative result by characterization.
2. 3 sigma (σ) variation.
3. Response with no target varies with power supply characteristics and system noise.
TWakeup
Time for device to wakeup from the
sleep state and enter the active
state if both PON and PEN are set to
one at the same time.
100
μs
TActive
Time from power-on to ready to
receive I²C commands
1.5
ms
Parameter
Conditions
Min
Typ
Max
Unit
Response: Absolute (1)
PGAIN = 1x
PLDRIVE = 7mA
PPULSE = 5 pulses
PPULSE_LEN = 12μs
APC = disabled
TEST9 = 0x07
BINSRCH_TARGET = 31
Post Calibration
Target material: 18% reflective
surface
No glass above module
Target Size: 100mm x 100mm
Target Distance: 10mm
292
389
486
counts
Part to Part Variation (1)(2)
Same as Response: absolute
±25
%
Noise (1)(2)
Same as Response: absolute
±2
%
Response: No target (1)(3)
Same as Response: absolute
except no target above the
module
19
30
41
counts
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com