Electronic Components Datasheet Search
  English  ▼

X  

TMD2635 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TMD2635
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2635 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TMD2635 Datasheet HTML 30Page - OSRAM GmbH TMD2635 Datasheet HTML 31Page - OSRAM GmbH TMD2635 Datasheet HTML 32Page - OSRAM GmbH TMD2635 Datasheet HTML 33Page - OSRAM GmbH TMD2635 Datasheet HTML 34Page - OSRAM GmbH TMD2635 Datasheet HTML 35Page - OSRAM GmbH TMD2635 Datasheet HTML 36Page - OSRAM GmbH TMD2635 Datasheet HTML 37Page - OSRAM GmbH TMD2635 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Datasheet, Public
Page 33
[v2-00] 2023-Jan-04
Document Feedback
TMD2635 − Application Information
Figure 48:
Schematic
Note(s):
1. Place the C1 and C2 capacitors within 5mm of the module.
2. The value of the I²C pull up resistors RPU should be based on the 1.8V bus voltage, system bus speed and trace capacitance.
3. C1 and C2 are critical components to protect the device during high voltage ESD strikes.
4. In systems subjected to high voltage ESD strikes, it is recommended to connect VDD to a host GPIO pin to allow the device to be
independently power cycled.
TMD2635
SCL
SDA
INT
C1
2.2µF
VDD
VDD3
GND
R1
22
1.8V
3.0V
RPU
RPU
10K
C2
2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com